Part Number Hot Search : 
MSQ07001 LTC1345 2SC393 SFMJ490 SFMJ490 MX25L MP01907 SFM16
Product Description
Full Text Search
 

To Download EPA1220HL-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14 Pin DIP 5 Tap TTL Compatible High Speed Active Delay Lines
TAP DELAYS 5% or 2 nS
5, 10, 15, 20 6, 12, 18, 24 7, 14, 21, 28 8, 16, 24, 32 9, 18, 27, 36 10, 20, 30, 40 12, 24, 36, 48 15, 30, 45, 60 20, 40, 60, 80 25, 50, 75, 100 30, 60, 90, 120 35, 70, 105, 140 40, 80, 120, 160 45, 90, 135, 180 50, 100, 150, 200 60, 120, 180, 240 70, 140, 210, 280
TOTAL DELAYS 5% or 2 nS
25 30 35 40 45 50 60 75 100 125 150 175 200 225 250 300 350
PART NUMBER
EPA1220HL-25 EPA1220HL-30 EPA1220HL-35 EPA1220HL-40 EPA1220HL-45 EPA1220HL-50 EPA1220HL-60 EPA1220HL-75 EPA1220HL-100 EPA1220HL-125 EPA1220HL-150 EPA1220HL-175 EPA1220HL-200 EPA1220HL-225 EPA1220HL-250 EPA1220HL-300 EPA1220HL-350
TAP DELAYS 5% or 2 nS
80, 160, 240, 320 84, 168, 252, 336 88, 176, 264, 352 90, 180, 270, 360 94, 188, 282, 376 100, 200, 300, 400 110, 220, 330, 440 120, 240, 360, 480 130, 260, 390, 520 140, 280, 420, 560 150, 300, 450, 600 160, 320, 480, 640 170, 340, 510, 680 180, 360, 540, 720 190, 380, 570, 760 200, 400, 600, 800
TOTAL DELAYS 5% or 2 nS
400 420 440 450 470 500 550 600 650 700 750 800 850 900 950 1000
PART NUMBER
EPA1220HL-400 EPA1220HL-420 EPA1220HL-440 EPA1220HL-450 EPA1220HL-470 EPA1220HL-500 EPA1220HL-550 EPA1220HL-600 EPA1220HL-650 EPA1220HL-700 EPA1220HL-752 EPA1220HL-800 EPA1220HL-850 EPA1220HL-900 EPA1220HL-950 EPA1220HL-1000
Delay times referenced from input to leading edges at 25C, 5.0V, with no load.
DC Electrical Characteristics Parameter Test Conditions
VOH VOL VIK IIH High-Level Output Voltage Low-Level Output Voltage Input Clamp Voltage High-Level Input Current
Min Max Unit
0.5 -1.2 50 1.0 -2 -100 V V V A mA mA mA
Schematic
V CC = min. V IL = max. I OH = max 2.7 V CC = min. V IH = min. I OL = max V CC = min. II = II K V CC = max. VIN = 2.7V V CC = max. VIN = 5.25V IIL Low-Level Input Current V CC = max. VIN = 0.5V IOS Short Circuit Output Current V CC = max. V OUT = 0. -40 (One output at a time) ICCH High-Level Supply Current V CC = max. VIN = OPEN ICCL Low-Level Supply Current V CC = max. VIN = 0 TRO Output Rise Time Td 500 nS (0.75 to 2.4 Volts) Td > 500 nS NH Fanout High-Level Output V CC = max. V OH = 2.7V NL Fanout Low-Level Output V CC = max. V OL = 0.5V
14
VCC
12
4
10
6
8
OUTPUT
INPUT 1
7 GROUND
75 mA 75 mA 4 nS 5 nS 20 TTL LOAD 10 TTL LOAD
Recommended Operating Conditions
VCC VIH VIL IIK IOH IOL PW* d* TA Supply Voltage High-Level Input Voltage Low-Level Input Voltage Input Clamp Current High-Level Output Current Low-Level Output Current Pulse Width of Total Delay Duty Cycle Operating Free-Air Temperature
.200
Package Dimensions
.280 Max.
Min
4.75 2.0
Max
5.25 0.8 -18 -1.0 20
Unit
V V V mA mA mA % % C
White Dot Pin#1
PCA EPA1220HL-XX Date Code .300 .780 Max.
.100
40 -55 40 +125
.200 Max. .020 Typ.
.020 Min. .010 Typ. .365 Max.
*These two values are inter-dependent.
.150 Typ.
Input Pulse Test Conditions @ 25 C
EIN PW TRI PRR VCC Pulse Input Voltage Pulse Width % of Total Delay Pulse Rise Time (0.75 - 2.4 Volts) Pulse Repetition Rate @ Td 200 nS Pulse Repetition Rate @ Td > 200 nS Supply Voltage 3.2 110 2.0 1.0 100 5.0
Unit
Volts % nS MHz KHz Volts
ELECTRONICS
INC.
16799 SCHOENBORN ST. NORTH HILLS, CA 91343 TEL: (818) 892-0761 FAX: (818) 894-5791
EPA1220HL 5/3/93


▲Up To Search▲   

 
Price & Availability of EPA1220HL-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X